Part Number Hot Search : 
13060 MLV2012 ON0172 65C51 20S026 STE0515 CMN663 705V7
Product Description
Full Text Search
 

To Download 0472192001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0472192001 Active
1.10mm (.043") Pitch microSD Card Connector, Hinge Type, Lead free
Documents: Drawing (PDF) Product Specification PS-47219-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Button Type Comments Component Type Product Name Type Memory Card Sockets 47219 N/A Hinge Type Header & Ejector (Host) microSD Card, TransFlash N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Ports Temperature Range - Operating Termination Interface: Style No 8 8 Black 5,000 No Ejector Button Present 90 Angle (Side Entry) Yes Copper Alloy, Stainless Steel Gold Tin High Temperature Thermoplastic No Normal Yes Embossed Tape on Reel 0.043 In 1.10 mm 0.043 In 1.10 mm 20 0.5 1 -20C to +85C Surface Mount
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 47219Series Use With microSD Card
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 100V DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-47219-001 SD-47219-001
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0472192001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X